Part Number Hot Search : 
1188MK 64T70ZB6 HE387E TDA8844 A100K MM1495X 2A122K TDA8844
Product Description
Full Text Search
 

To Download MCR25N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  digitron semiconductors 144 market street kenilworth nj 07033 usa phone +1.908.245-7200 fax +1.908.245-0555 sales@digitroncorp.com www.digitroncorp.com rev. 20130108 mcr25d, mcr25m, MCR25N silicon controlled rectifiers available non-rohs (standard) or rohs compliant (add pbf suffix). available as ?hr? (high reliability) screened per mil-prf- 19500, jantx level. add ?hr? suffix to base part number. maximum ratings rating symbol value unit peak repetitive off-state voltage (1) (t j = -40 to +125c, sine wave, 50 to 60hz) mcr25d mcr25m MCR25N v drm v rrm 400 600 800 v on-state rms current (180 conduction angles, t c = 80c) i t(rms) 25 a peak non-repetitive surge current (half-cycle, sine wave, 60hz, t j = 125c) i tsm 300 a circuit fusing consideration (t = 8.3ms) i 2 t 373 a 2 s forward peak gate power (pulse width 1.0s, t c = 80c) p gm 20 w forward average gate power (t = 8.3ms, t c = 80c) p g(av) 0.5 w forward peak gate current (pulse width 1.0s, t c = 80c) i gm 2.0 a operating junction temperature range t j -40 to +125 c storage temperature range t stg -40 to +150 c note 1: v drm and v rrm for all types can be applied on a continuous basis. ratings apply for zero or negative gate voltage; positive gate voltage sh all not be applied concurrent with negative potential on the anode. blocking voltages sh all not be tested with a co nstant current source such that the voltage ratings of the devices are exceeded. thermal characteristics characteristic symbol maximum unit thermal resistance, junction to case r ? jc 1.5 c/w thermal resistance, junction to ambient r ? ja 62.5 c/w lead solder temperature (lead length 1/8? from case, 10s max) t l 260 c electrical characteristics (t j = 25c, unless otherwise noted) characteristic symbol min typ max unit off characteristics start here peak forward or reverse blocking current (v ak = rated v drm or v rrm , gate open) t j = 25c t j = 125c i drm, i rrm - - - - 0.01 2.0 ma on characteristics peak forward on-state voltage * (i tm = 50a) v tm - - 1.8 v gate trigger current (continuous dc) (v d = 12v, r l = 100 ? ) i gt 4.0 12 30 ma gate trigger voltage (continuous dc) (v d = 12v, r l = 100 ? ) v gt 0.5 0.67 1.0 v holding current (v d = 12v, gate open, initiating current = 200ma) i h 5.0 13 40 ma latching current (v d = 12v, i g = 30ma) i l - 35 80 ma dynamic characteristics critical rate of rise of off-state voltage (v d = 67% of rated v drm , exponential waveform, gate open, t j = 125c) dv/dt 100 250 - v/s critical rate of rise of on-state current (i pk = 50a, pw = 30sec, di g /dt = 1a/sec, i gt = 50ma) di/dt - - 50 a/s * pulse width 2.0ms, duty cycle 2%.
digitron semiconductors 144 market street kenilworth nj 07033 usa phone +1.908.245-7200 mcr25d, mcr25m, MCR25N silicon controlled rectifiers mechanical characteristics case to-220ab marking alpha-numeric pin out see below fax +1.908.245-0555 sales@digitroncorp.com www.digitroncorp.com rev. 20130108
digitron semiconductors 144 market street kenilworth nj 07033 usa phone +1.908.245-7200 mcr25d, mcr25m, MCR25N silicon controlled rectifiers fax +1.908.245-0555 sales@digitroncorp.com www.digitroncorp.com rev. 20130108
digitron semiconductors 144 market street kenilworth nj 07033 usa phone +1.908.245-7200 mcr25d, mcr25m, MCR25N silicon controlled rectifiers fax +1.908.245-0555 sales@digitroncorp.com www.digitroncorp.com rev. 20130108


▲Up To Search▲   

 
Price & Availability of MCR25N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X